Part Number Hot Search : 
E205DRDA MAX4538 M74HC147 MA47268 71ACA NDT452 S5495 80510
Product Description
Full Text Search
 

To Download AMC2244DM Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AMC2244/AMC2344/AMC2444
www.addmtek.com DESCRIPTION The AMC2244/AMC2344/AMC2444 are dual, triple and quad versions of the high speed, low power, and low cost monolithic operational amplifiers. These devices consume only 7mA of supply current per amplifier to achieve the performance of unity gain stable, 270V/s slew rate and 60 MHz gain- bandwidth product. The power supply operating range is from 18V down to as low as 2V. For single-supply operation, the AMC2244/AMC2344/AMC2444 operate from 36V down to 2.5V. The AMC2244/AMC2344/AMC2444 also features an extremely wide output voltage swing. The maximum output voltage swing is 13.8V with VS = 15V and RL = 1000. Furthermore, for single-supply operation at +5V, output voltage swing is from 0.2V to 3.9V with RL = 500.
DUAL/Triple/QUAD LOW-POWER 60MHz UNITY-GAIN STABLE OP AMPLIFIERS
FEATURES 60MHz Gain-Bandwidth Product. Low Supply Current, 7mA (per Amplifier) at VS=15V. Wide supply range, 2V to 18V dual-supply, 2.5V to 36V single-supply. High slew rate = 270V/s. Fast Settling = 80 ns to 0.1 % for a 10V Step. Low Differential Gain = 0.04% at AV=+2, RL=150. Low Differential Phase = 0.15 at AV=+2, RL=150. Stable with unlimited capacitive load. Wide output voltage swing, 13.8V with VS=15V, RL=1000, and 3.9V/0.2V with VS=+5V, RL=500. Low cost, enhanced pin-pin Compatible to the AD827/AD828/AD8073, EL2244/EL2444C & TSH72/TSH74/TSH112/TSH114 LT1229/LT1230.
APPLICATIONS High Speed Sample-and-Hold High Speed Signal Processing ADC/DAC Buffer Video Amplifiers Active Filters/Integrators Pulse/RF Amplifiers STB(Set-Top Box)
AMC2244 (Dual) 8-Pin DIP / 8-Pin S.O.I.C. (Top View)
PACKAGE PIN OUT
NC OUT 1 IN -1 IN +1 VV+ OUT 2 IN -2 IN +2 NC NC V+ IN +2 IN -2 OUT 2 OUT 4 IN -4 IN +4 VIN +3 IN -3 OUT 3 OUT 1 IN -1 IN +1 V+ IN +2 IN -2 OUT 2 OUT 4 IN -4 IN +4 VIN +3 IN -3 OUT 3
AMC2344 (Triple) 14-Pin DIP / 14-Pin S.O.I.C. (Top View)
AMC2444 (Quad) 14-Pin DIP / 14-Pin S.O.I.C. (Top View)
ORDER INFORMATION
TA (C) 0 to 70 M Plastic DIP 8-Pin DM Plastic S.O.I.C. 8-Pin N Plastic DIP 14-Pin DM Plastic S.O.I.C. 14-Pin
AMC2244M
AMC2244DM
AMC2344N/AMC2444N
AMC2344DM/AMC2444DM
AMC2344DMF/AMC2444DMF
AMC2244MF(Lead Free) AMC2244DMF(Lead Free) AMC2344NF(Lead Free) (Lead Free)
Note1.All surface-mount packages are available in Tape & Reel. Append the letter "T" to part number (i.e. AMC2244DMTAMC2344DMT or AMC2444DMT). 2.The letter "F" is marked for Lead Free process as AMC2444NFAMC2444DMF(Lead Free).
Copyright (c) 2006 ADDtek Corp.
1
DD006_E
-- JUNE 2006
AMC2244/AMC2344/AMC2444
SIMPLIFIED SCHEMATIC (PER AMPLIFIER) V+
IN+ INOUT
V-
ABSOLUTE MAXIMUM RATINGS Supply Voltage, VS Input Voltage, VIN Differential Input Voltage, d VIN Operating Junction Temperature Range, TJ (max) Storage Temperature Range Lead Temperature (soldiering, 10 seconds)
Note 1: Exceeding these ratings could cause damage to the device. negative out of the specified terminal.
(Note 1) 18V or 36V VS 10V 150C -65OC to 150OC 260C
All voltages are with respect to Ground. Currents are positive into,
THERMAL DATA M PACKAGE: Thermal Resistance-Junction to Ambient, JA DM PACKAGE: Thermal Resistance-Junction to Tab, JT N PACKAGE: Thermal Resistance-Junction to Ambient, JA D PACKAGE: Thermal Resistance-Junction to Tab, JT Junction Temperature Calculation: TJ = TA + (PD x JA). The JA numbers are guidelines for the thermal performance of the device/pc-board system. All of the above assume no ambient airflow. 95C /W 125C /W 70C /W 110C /W
Copyright (c) 2006 2006 ADDtek Corp.
2
DD006_E
-- JUNE 2006
AMC2244/AMC2344/AMC2444
DC ELECTRICAL CHARACTERISTICS Unless otherwise specified, these specifications apply the operating ambient temperatures TA = 25C, VS = 15V, RL = 1000. Parameter Input Offset Voltage Average Offset Voltage Drift Input Bias Current Input Offset Current Average Offset Current Drift Symbol VOS TCVOS IB IOS TCIOS 800 VS = 15V VS = 5V VS = 15V VS = 5V Test Conditions
AMC2244/2344/2444
Min
Typ 0.5 10.0 2.4 2.4 50 0.3 1500 1200 1000 80 90 14.0 4.2 4.2/0.1
TA = 0C - 70C (Note 1)
Max 4.0 9.0 8.2 300 500
Units mV V/C A nA nA/C V/V dB dB V
VS = 15V, VOUT = 10V, RL = 1000 Open-Loop Gain AVOL VS = 5V, VOUT = 2.5V, RL = 500 VS = 5V, VOUT = 2.5V, RL = 150 Power Supply Rejection Ratio PSRR VS = 5V to 15V Common Mode Rejection Ratio CMRR VCM = 12V, VOUT = 0V VS = 15V Common Mode Input Rang CMIR VS = 5V VS = + 5V VS = 15V, RL = 1000 VS = 15V, RL = 500 VS = 5V, RL = 500 VS = 5V, RL = 150 VS = + 5V, RL = 500 TA = 0C - 70C (Note 1)
60 70
Output Voltage Swing
VOUT
Output Short Circuit Current Supply Current Input Resistance Input Capacitance Output Resistance Power Supply Operating Range
Note1:
ISC IS
VS = 15V, No Load VS = 5V, No Load Differential RIN Common-Mode CIN AV = + 1 @ 10MHz ROUT AV = + 1 Dual Supply PSOR Single Supply
13.4 13.8 12.2 13.6 3.4 3.9 3.6 3.6/0.4 3.9/0.2 40 75 35 7.0 5.6 150 15 1.0 50 2.0 2.5
V
mA 8.2 mA k M pF m 18.0 36.0 V
The parameter is guaranteed (but not tested) by design and characterization data.
Copyright (c) 2006 2006 ADDtek Corp.
3
DD006_E
-- JUNE 2006
AMC2244/AMC2344/AMC2444
AC ELECTRICAL CHARACTERISTICS Unless otherwise specified, these specifications apply the operating ambient temperatures TA = 25C, VS = 15V, AV = +1, RL = 1000. Parameter Symbol Test Conditions AV = +1 -3dB Bandwidth (VOUT = 0.4V) AV = -1 VS = 15V, AV = +2 AV = +5 AV = +10 VS = 5V, AV = +1 VS = 15V VS = 5V RL = 1 k, CL = 10 pF f = 5 MHz 208 3.33
AMC2244/2344/2444
Min
Typ 120 60 60 12 6 80 60 45 50 85 270 166 4.3 10.6 3.0 20 2.5 80 60 0.04 0.15 15.0 1.5
Max
Units
BW
MHz
Gain Bandwidth Product Phase Margin Channel Separation Slew Rate (Note 1)
GBWP PM
MHz dB V/s MHz ns % ns ns % nV/Hz pA/Hz
VS = 15V, RL = 1000 VS = 5V, RL = 500 VS = 15V Full Power Bandwidth (Note 3) FPBW VS = 5V (Note 2) Rise Time, Fall Time tr, tf 0.1V Step Overshoot 0.1V Step Propagation Delay tPD SR Settling Time (to 0.1%, AV = +1) Differential Gain (Note 2, 4) Differential Phase (Note 2, 4) Input Noise Voltage (Note 2) Input Noise Current (Note 2)
Note 1: Note 2: Note 3: Note 4:
ts dG dP eN iN
VS = 15V, 10V Step VS = 5V, 5V Step NTSC/PAL NTSC/PAL 10kHz 10kHz
Slew rate is measured on rising edge. The parameter is guaranteed (but not tested) by design and characterization data. For VS = 15V, VOUT = 20 VPP. For VS = 5V, VOUT = 5 VPP. Full power bandwidth is based on slew rate measurement using: SR/(2 x VPEAK) Video performance measured at VS = 15V, AV = +2 with 2 times normal video level across RL = 150. This corresponds to standaard video levels across a back-terminal 75 load.
Copyright (c) 2006 2006 ADDtek Corp.
4
DD006_E
-- JUNE 2006
AMC2244/AMC2344/AMC2444
CHARACTERIZATION CURVES
VCC = +-5V, RL = 1K Av = 1, Input = 1Vpp, 10Mhz Output VCC = +-5V, RL= 1K Av = 1, Input = +-3.8Vpp
Output Input Input
Unit Gain Stable Performance
Output Voltage Swing at +-5V VCC
Input
Output Input Output VCC = +-15V, RL= 1K Av = 1, Input = 0.7Vpp
VCC = +-15V, RL= 1K Av = 1, Input = 0.7Vpp
Output Rising Edge Performance
Output Falling Edge Performance
VCC = +-15V, RL= 1K Av = 2, Input = 0.4Vpp, 1Mhz Output
VCC = +-15V, RL= 1K Av = 2, Input = 0.4Vpp, 10Mhz Output
Input
Input
Output Swing at 1Mhz, Av=2
Copyright (c) 2006 2006 ADDtek Corp. 5
Output Swing at 10Mhz, Av=2
DD006_E -- JUNE 2006
AMC2244/AMC2344/AMC2444
CHARACTERIZATION CURVE
Output
Output
Input
Input
VCC = +-15V, RL= 1K Av = 2, Input = 0.4Vpp, 15Mhz
VCC = +-15V, RL= 1K Av = 10, Input = 0.4Vpp, 1Mhz
Output Swing at 15Mhz, Av=2
Output Swing at 1Mhz, Av=10
Output
Output
Input
Input
VCC = +-15V, RL= 1K Av = 10, Input = 0.4Vpp, 6Mhz
VCC = +-15V, RL= 1K Av = 1, Input = 8Vpp, 10Mhz
Output Swing at 6Mhz, Av=10
Large signal Output Swing aat 10Mhz, Av=1
Copyright (c) 2006 2006 ADDtek Corp.
6
DD006_E
-- JUNE 2006
AMC2244/AMC2344/AMC2444
APPLICATION INFORMATION Product Description The AMC2244/AMC2344/AMC2444 are low-power wideband monolithic operational amplifiers implemented with a classical voltage-feedback topology. This allows them to be used in a variety of applications where current-feedback amplifiers are not appropriate. For example, a capacitor to be placed in the feedback path, making it an excellent choice for applications such as active filters, sample-and-holds, or integrators. Similarly, because of the ability to use diodes in the feedback network, the AMC2244/AMC2344/AMC2444 are an excellent choice for applications such as fast log amplifiers. Power Dissipation In order to prevent the junction temperature to exceed 150C , it is important to calculate the maximum junction temperature (TJmax) for all applications to determine if power-supply voltages, load conditions, or package type need to be modified such that the AMC2244/AMC2344/AMC2444 remain in the safe operating area. These parameters are related as follows: TJmax = Tmax + (JAx PDmaxtotal) Where PDmaxtotal is the sum of the maximum power dissipation of each amplifier in the package (PDmax). PDmax for each amplifier can be calculated as follows : PDmax= ( 2 x VS x ISmax + (VS - Voutmax) x ( Voutmax /RL)) where: Tmax =Maximum Ambient Temperature JA = Thermal Resistance of the Package PDmax = Maximum Power Dissipation of 1 Amplifier VS = Supply Voltage ISmax = Maximum Supply Current of 1 Amplifier Voutmax = Maximum Output Voltage Swing of the Application RL = Load Resistance To serve as a guide for the user, we can calculate maximum allowable supply voltages for the example of the video cable-driver below since we know that TJmax = 150C, Tmax = 75C, ISmax = 8.2 mA, and the package JAs are shown in Table 1. If we assume (for this example ) that we are driving a back-terminated video cable, then the maximum average value (over duty-cycle) of Voutmax is 1.4V, and RL = 150, giving the results seen in Table 1. Table 1 Device AMC2244M AMC2244DM AMC2344N/AMC2444N AMC2344D/AMC2444D Package 8P DIP 8P SOIC 14P DIP 14P SOIC JA 95C /W 125C /W 70C /W 110C /W PDmax @ Tmax 0.789W @ 75C 0.600W @ 75C 1.071W @ 75C 0.682W @ 75C Max VS 16.6V 12.1V 11.5V 7.5V
Copyright (c) 2006 2006 ADDtek Corp.
7
DD006_E
-- JUNE 2006
AMC2244/AMC2344/AMC2444
APPLICATION INFORMATION (CONTD.) Single Supply Operation The AMC2244/AMC2344/AMC2444 have been designed to operate over a wide input and output voltage range. However, the AMC2244/AMC2344/AMC2444 are also suitable for single-supply operation. With a 5V supply and RL = 500, the output voltage swing is from 200mV to 3.9V, this results in a 3.7V output swing on a single 5V supply. The single supply operation range is from as high as 36V to 2.5V. For a single 2.5V supply application, the output swing can still have 1VPP. Gain-Bandwidth Product and the-3 dB Bandwidth The gain-bandwidth product of AMC2244/AMC2344/AMC2444 is 60 MHz while using only 7mA of supply current per amplifier. For gains greater than 4, their closed-loop -3 dB bandwidth is approximately equal to the gain-bandwidth product divided by the noise gain of the circuit. For gains less than 4, higher-order poles in the amplifiers' transfer function contribute to even higher closed loop bandwidths. For example, the -3 dB bandwidth is 120 MHz at a gain of + 1, dropping to 60 MHz at a gain of +2. Output Drive Capability The AMC2244/AMC2344/AMC2444 have been designed to drive low impedance loads. The output swing can easily reach 6VPP into a 150 load. This features the AMC2244/AMC2344/AMC2444 in the field of RF, IF and video applications. Furthermore, even at low temperatures, the current drive still remains a minimum of 35mA. For signal transmission and distribution, a back-terminated cable (75 in series at the drive end, and 75 to ground at the receiving end) is preferred since the impedance match at both ends will absorb any reflections. However, when double termination is used, the received signal is halved; therefore a gain of 2 configuration is typically used to compensate for the attenuation. Capacitive Loads While driving the capacitive loads, the AMC2244/AMC2344/AMC2444 remain stable by automatically reducing their gain-bandwidth product as capacitive load increases. Therefore, for maximum bandwidth, capacitive loads should be reduced as much as possible or isolated via a series output resistor (RS). Similarly, coax lines can be driven, but best AC performance is obtained when they are terminated with their characteristic impedance so that the capacitance of the coaxial cable will not add to the capacitive load seen by the amplifier. Although stable with all capacitive loads, some peaking still occurs as load capacitance increases. A series resistor at the output can be used to reduce this peaking and further improve stability. Printed-Circuit Layout In most applications, good PCB layout is necessary for optimum performance. Ground-plane construction is highly recommended for good power supply bypassing. A 0.1 F ceramic capacitor is recommended for bypassing both supplies. Lead lengths should be as short as possible, and bypass capacitors should be placed as close to the device pins as possible. For good AC performance, parasitic capacitances should be kept to a minimum at both inputs and at the output. Resistor values should be dept under 5 Kbecause of the RC time constants associated with the parasitic capacitance. Metal-film and carbon resistors are both acceptable, use of wire-wound resistors is not recommended because of their parasitic inductance. Similarly, capacitors should be low-inductance foe best performance.
Copyright (c) 2006 2006 ADDtek Corp.
8
DD006_E
-- JUNE 2006
AMC2244/AMC2344/AMC2444
PACKAGE
8-Pin Plastic DIP
8 5
INCHES MIN
B
MILLIMETERS MAX MIN 9.02 6.10 1.27 0.20 2.92 TYP 9.27 6.35 0.46 1.52 2.54 3.30 7.62 BSC. 15 7 15 MAX 10.16 7.11 5.33 2.29 0.38 3.81
TYP
A
1 4
0.355 0.365 0.400 0.240 0.250 0.280 0.018 0.060 0.100 0.210 0.090 0.015
B C
A
D F G
F
L
H 0.050
C
J K
J M
0.008
0.115 0.130 0.150 0.300 BSC. 7
K H G D
L M
14-Pin Plastic DIP
14 8
INCHES MIN
B
MILLIMETERS MAX MIN TYP 2.54 BSC 1.27 0.20 3.18 7.62 BSC 15 15 2.28 0.38 MAX 20.57 6.60 5.08 0.51 1.52
TYP -
A B C
0.730 0.240 -
0.810 18.54 0.260 0.200 0.020 0.060 6.09 0.38 0.76
1
7
A
D 0.015 F 0.03
F C
L
G
0.100 BSC 0.090 0.015 -
H 0.050 J
J M H G D
0.008 0.125
K L M
K
0.300 BSC -
Copyright (c) 2006 2006 ADDtek Corp.
9
DD006_E
-- JUNE 2006
AMC2244/AMC2344/AMC2444
8-Pin Plastic S.O.I.C.
INCHES MILLIMETERS MAX 0.202 0.163 0.074 0.020 0.035 MIN 4.65 3.66 1.73 0.25 0.38 TYP 1.27 BSC 0.19 0.13 4.80 5.79 0.25 0.25 5.21 8 6.20 MAX 5.13 4.14 1.88 0.51 0.89
A
A B
MIN 0.183 0.144
TYP -
B F
P
C 0.068 D 0.010 F 0.015
D
G L C
G J K
0.050 BSC 0.007 0.005 0.189 0.228 0.010 0.010 0.205 8 0.244
SEATING PLAN
K
M J
L M P
14-Pin Plastic S.O.I.C.
INCHES
A
MILLIMETERS MAX 0.344 0.163 0.074 0.020 0.044 MIN 8.55 3.66 1.73 0.35 0.40 TYP 1.27 BSC 0.010 0.205 8 0.244 0.13 4.80 5.80 0.10 0.25 5.21 8 6.20 MAX 8.75 4.14 1.88 0.51 1.12
MIN A B
B P
TYP -
0.337 0.144
C 0.068 D 0.017 F 0.016
F
G
D L C M J
G J K L M P -
0.050 BSC 0.004 -
0.005 0.189 0.228
SEATING PLAN
K
Copyright (c) 2006 2006 ADDtek Corp.
10
DD006_E
--
JUNE 2006
AMC2244/AMC2344/AMC2444
IMPORTANT NOTICE
ADDtek reserves the right to make changes to its products or to discontinue any integrated circuit product or service without notice, and advises its customers to obtain the latest version of relevant information to verify, before placing orders, that the information being relied on is current. A few applications using integrated circuit products may involve potential risks of death, personal injury, or severe property or environmental damage. ADDtek integrated circuit products are not designed, intended, authorized, or warranted to be suitable for use in life-support applications, devices or systems or other critical applications. Use of ADDtek products in such applications is understood to be fully at the risk of the customer. In order to minimize risks associated with the customer's applications, the customer should provide adequate design and operating safeguards. ADDtek assumes to no liability to customer product design or application support. ADDtek warrants the performance of its products to the specifications applicable at the time of sale.
ADDtek Corp. 9F, No. 20, Sec. 3, Bade Rd., Taipei, Taiwan, 105 TEL: 2-25700299 FAX: 2-25700196
Copyright (c) 2006 2006 ADDtek Corp. 11 DD006_E -JUNE 2006


▲Up To Search▲   

 
Price & Availability of AMC2244DM

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X